Part Number Hot Search : 
S0247 12160 19KFKE SMA5937B FDW2506 AMN34112 BAV16 29450
Product Description
Full Text Search
 

To Download CRCW0402RFNECHP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questions, contact: thickfilmchip@vishay.com document number: 20043 1 revision: 07-may-09 pulse proof, high power thick film chip resistors crcw....-hp e3 vishay features ? excellent pulse load capability ? enhanced power rating ? double side printed resistor element ? protective overglaze ? lead (pb)-free solder contacts on ni barrier layer ? pure tin plating provides compatibility with lead (pb)-free and lead containing soldering processes ? compliant to rohs directive 2002/95/ec ? aec-q200, rev. c compliant notes (1) crcw0402-hp resistors feature a single side printed resistive layer only ? these resistors do not feature a limited lifetime when operated within the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limi t acceptable to the specific application, thereby est ablishing a functional lifeti me ? marking and packaging: see appr opriate catalog or web page ? power rating depends on the max. temperature at the solder poi nt, the component placement density and the substrate material note (1) the power dissipation on the resistors generates a temperature rise against the local ambient, depending on the heat flow suppo rt of the printed-circuit board (thermal resistance). the rated dissipation applies only if the pe rmitted film temperature of 155 c is n ot exceeded. standard electrical specifications model size power rating p 70 w limiting element voltage max. v temperature coefficient ppm/k tolerance % resistance range e-series inch metric crcw0402-hp e3 0402 1005 0.125 (1) 50 100 1 1r to 1m e24 + e96 200 5 e24 zero-ohm-resistor: r max. = 0.010 , i max. = 2.5 a crcw0603-hp e3 0603 1608 0.25 75 100 1 1r to 1m e24 + e96 200 5 e24 zero-ohm-resistor: r max. = 0.010 , i max. = 4 a crcw0805-hp e3 0805 2012 0.33 150 100 1 1r to 1m e24 + e96 200 5 e24 zero-ohm-resistor: r max. = 0.010 , i max. = 5 a crcw1206-hp e3 1206 3216 0.5 200 100 1 1r to 1m e24 + e96 200 5 e24 zero-ohm-resistor: r max. = 0.010 , i max. = 6 a crcw2010-hp e3 2010 5025 1.0 400 100 1 1r to 1m e24 + e96 200 5 e24 zero-ohm-resistor: r max. = 0.010 , i max. = 10 a crcw2512-hp e3 2512 6332 1.5 500 100 1 1r to 1m e24 + e96 200 5 e24 zero-ohm-resistor: r max. = 0.010 , i max. = 14 a technical specifications parameter unit crcw0402-hp crcw0603-hp crcw0805-hp crcw1206-hp crcw2010-hp crcw2512-hp rated dissipation p 70 (1) w 0.125 0.25 0.33 0.5 1.0 1.5 limiting element voltage u max. ac/dc v 50 75 150 200 400 500 insulation voltage u ins. (1 min) v > 75 > 100 > 200 > 300 insulation resistance > 10 9 category temperature range c - 55 to + 155 weight mg 0.65 2 5.5 10 25.5 42
crcw....-hp e3 pulse proof, high power thick film chip resistors vishay document number: 20043 for technical questions, contact: thickfilmchip@vishay.com www.vishay.com revision: 07-may-09 2 notes (1) preferred way for ordering products is by use of the part number (2) please refer to table packaging, see below part number and product description part number: crcw0603562rfkeahp (1) model/size value tolerance tcr packaging (2) special crcw0402 crcw0603 crcw0805 crcw1206 crcw2010 crcw2512 r = decimal k = thousand m = million 0000 = jumper f = 1 % j = 5 % z = jumper k = 100 ppm/k n = 200 ppm/k 0 = jumper ea eb ec ed ee ei el ef eg eh up to 2 digits hp = pulse proof, high power product description: crcw0603-hp 100 562r 1 % et1 e3 crcw0603-hp 100 562r 1 % et1 e3 model tcr resistance value tolerance pac k ag i n g (2) lead (pb)-free crcw0402-hp crcw0603-hp crcw0805-hp crcw1206-hp crcw2010-hp crcw2512-hp 100 ppm/k 200 ppm/k 10r = 10 562r = 562 10k = 10 k 1m = 1 m 0r0 = jumper 1 % 5 % et1 et5 et6 et7 ef4 eg1 e20 e02 e67 e82 e3 = pure tin termination finish packaging model reel tape width diameter pitch pieces/ reel packaging code part number product desc. paper blister paper blister crcw0402-hp 8 mm 180 mm/7" 330 mm/13" 2 mm 2 mm 10 000 50 000 ed ee et7 ef4 crcw0603-hp 8 mm 180 mm/7" 285 mm/11.25" 330 mm/13" 4 mm 4 mm 4 mm 5000 10 000 20 000 ea eb ec ei el et1 et5 et6 eg1 e20 crcw0805-hp 8 mm 180 mm/7" 285 mm/11.25" 330 mm/13" 4 mm 4 mm 4 mm 5000 10 000 20 000 ea eb ec ei el et1 et5 et6 eg1 e20 crcw1206-hp 8 mm 180 mm/7" 285 mm/11.25" 330 mm/13" 4 mm 4 mm 4 mm 5000 10 000 20 000 ea eb ec ei el et1 et5 et6 eg1 e20 crcw2010-hp 12 mm 180 mm/7" 4 mm 4000 ef e02 crcw2512-hp 12 mm 180 mm/7" 8 mm 4 mm 2000 4000 eg eh e67 e82 c r c w 0 6 0 3 5 6 2 r f k e a h p
www.vishay.com for technical questions, contact: thickfilmchip@vishay.com document number: 20043 3 revision: 07-may-09 crcw....-hp e3 vishay pulse proof, high power thi ck film chip resistors dimensions in millimeters functional performance size resistance range dimensions solder pad dimensions reflow soldering wave soldering inch metric l w h t1 t2 a b l a b l 0402 1005 1r - 1m 1.0 0.05 0.5 0.05 0.3 0.1 0.25 0.1 0.2 0.1 0.4 0.6 0.5 0603 1608 1r - 1m 1.6 0.1 0.85 0.1 0.45 0.1 0.3 0.2 0.3 0.2 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 1r - 1m 2.0 0.15 1.25 0.15 0.50 0.1 0.4 0.2 0.35 0.2 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 1r - 1m 3.1 0.2 1.6 0.15 0.50 0.15 0.5 0.2 0.45 0.2 0.9 1.7 2.0 1.1 1.7 2.3 2010 5025 1r - 1m 5.0 0.15 2.5 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 1r - 1m 6.3 0.2 3.15 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 3.2 5.2 1.2 3.2 5.2 maximum pulse dissipation as a function of the pulse duration, single pulse for crcw...-hp maximum pulse dissipation as a function of th e pulse duration, continuous pulse for crcw...-hp l b a sin g le pulse 2512 2010 1206 0 8 05 0603 0402 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 10 000 0.01 0.1 1 10 100 pulse duration i (s) pulse load max. (w) 100 t p 1000 continuous pulse 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 10 000 0.01 0.1 1 10 100 pulse duration i (s) continuous pulse load max. (w) 100 t p 1000 2512 2010 1206 0 8 05 0603 0402
crcw....-hp e3 pulse proof, high power thick film chip resistors vishay document number: 20043 for technical questions, contact: thickfilmchip@vishay.com www.vishay.com revision: 07-may-09 4 maximum pulse voltage, single and continuous pulses; applicable if p p max. ; for permissible resistance change equivalent to 8000 h operation pulse volta g e 0.00001 0.0001 0.001 0.01 0.1 1 1600 0 200 400 600 8 00 1000 1200 1400 pulse duration i (s) pulse volta g e max. (v) 10 t u 2010 1206 0 8 05 0603 0402 1 8 00 2000 2512 - 55 - 25 0 25 50 75 100 125 155 175 120 100 8 0 60 40 20 0 70 deratin g ambient temperature in c rated power in %
www.vishay.com for technical questions, contact: thickfilmchip@vishay.com document number: 20043 5 revision: 07-may-09 crcw....-hp e3 vishay pulse proof, high power thi ck film chip resistors test procedures and requirements en 60115-1 test (clause) conditions of test requirements permissible change ( r ) stability class 2 or better stability for product types: 1 - 1 m crcw....-hp e3 resistance (4.5) - 1 %, 5 % temperature coefficient (4.8.4.2) 20/- 55/20 c and 20/125/20 c 100 ppm/k, 200 ppm/k overload (4.13) 2 u max. ; duration: according the style ( 0.5 % r + 0.05 ) solderability (4.17.5) aging 4 h at 155 c, dryheat solder bath method; 235 c; 2 s visual examination good tinning ( 95 % covered) no visible damage resistance to soldering heat (4.18.2) solder bath method; (260 5) c; (10 1) s ( 1 % r + 0.05 ) rapid change of temperature (4.19) 30 min at lct = - 55 c; 30 min at uct = 125 c; 5 cycles ( 1 % r + 0.05 ) damp heat, steady state (4.24) (40 2) c; 56 days; (93 3) % rh ( 2 % r + 0.05 ) climatic sequence (4.23) 16 h at uct = 125 c; 1 cycle at 55 c; 2 h at lct = - 55 c; 1 h/1 kpa at 15 c to 35 c; 5 cycles at 55 c u = u max. ; whichever is less severe ( 2 % r + 0.05 ) endurance at 70 c (4.25.1) u = u max. ; whichever is less severe 1.5 h on; 0.5 h off; 70 c; 1000 h ( 2 % r + 0.05 ) endurance at upper category temperature (4.25.3) uct = 155 c; 1000 h (2 % r + 0.05 ) u 2.5 x p 70 x r = up 70 x r = up 70 x r = applicable specifications ? en 60115-1 generic specification ? aec-q200 generic specification ? en 140400 sectional specification ? en 140401-802 detail specification ? iec 60068-2-x variety of env ironmental test procedures ? iec 60286-3 packaging of smd components
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of CRCW0402RFNECHP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X